Part Number Hot Search : 
A4910 SRU1063 GBPC35 CMT18N20 S222M PST3809 T4110M 38ECP
Product Description
Full Text Search
 

To Download BR100-03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BR100-03 ... BR100-04
BR100-03 ... BR100-04
Bidirectional Si-Trigger-Diodes (DIAC) Bidirektionale Si-Triggerdioden (DIAC) Version 2006-04-27 Breakover voltage Durchbruchspannung
O 2.6-0.1
28 ... 45 V 2A DO-41 DO-204AL 0.4 g
Peak pulse current Max. Triggerimpuls Plastic case Kunststoffgehause Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack
62.50.5
O 0.80.05
Dimensions - Mae [mm]
Maximum ratings Power dissipation Verlustleistung Peak pulse current (120 Hz pulse repetition rate) Max. Triggerstrom (120 Hz Puls-Wiederholrate) Operating Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur TA = 50C tp 20 s Ptot IPM Tj TS
5.1-0.1
Type
Grenzwerte 150 mW 1) 2 A 1) -50...+100C -50...+175C
Characteristics Breakover voltage Durchbruchspannung Breakover current - Durchbruchstrom Asymmetry of breakover voltage Unsymmetrie der Durchbruchspannung Foldback voltage - Spannungs-Rucksprung I = IBO to/auf IF = 10 mA Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to leads Warmewiderstand Sperrschicht - Anschlussdraht dV/dt = 10 V/s BR100-03 BR100-031 BR100-04 V = 98% VBO |V(BO)F - V(BO)R| dV/dt = 10 V/s VBO VBO VBO IBO VBO VF/R RthA RthL
Kennwerte 28 ... 36 V 30 ... 34 V 35 ... 45 V < 50 A < 3.8 V >5V < 45 K/W 1) < 15 K/W
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschlussdrahte in 10 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden http://www.diotec.com/
(c) Diotec Semiconductor AG
1
BR100-03 ... BR100-04
2
http://www.diotec.com/
(c) Diotec Semiconductor AG


▲Up To Search▲   

 
Price & Availability of BR100-03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X